Part Number Hot Search : 
UDN2954 4920N SDR955 2SD20 08046 ULN2801 AD7827 TC4531
Product Description
Full Text Search
 

To Download CSFA104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  reverse v oltage: 50 - 600 volts forward current: 1.0 amp csf a101 thru csf a105 www.com chip.co m.tw c o m c h ip c o m c h ip maximum ratings and electrical characterics mds0210017b page 1 smd super fast recovery rectifier smd super fast recovery rectifier parameter max. repetitive peak reverse voltage max. dc blocking voltage max. rms v oltage peak surge forward current 8.3ms single half sine-wave superimposed on rate load ( jedec method ) max. average forward current max. instantaneous forward current at 1.0 a reverse recovery timemax. dc reverse current at rated dc blocking voltage ta=25 ta=100 max. thermal resistance (note 1) operating junction t emperature storage t emperature symbol v rrm v dc v rms i fsm i o v f trr i r r jl t j t stg unit v v v a a v ns ua note 1: thermal resistance from junction to lead, 8.0x8.0 mm sauare (0.13 mm thick) land area. csfa csf a csfa csfa csf a 101 102 103 104 105 50 5035 600 600420 100 100 70 1.0 -55 to +150 35 5.0 100 -55 to +150 400 400280 200 200140 c/w c c c c features ideal for surface mount applications easy pick and place plastic package has underwriters lab. flammability classification 94v-0 super fast recovery time 35-50 ns built-in strain relief low forward voltage drop mechanical data case: jedec do-214ac molded plastic t erminals: solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any approx. weight:0.063 gram 30 0.95 1.3 1.5 35 50 dim en sio ns i n in che s an d (m illim ete rs) 0.0 08 (0 .20 ) 0.0 04 (0 .10 ) 0.0 67 (1. 70 ) 0.0 51 (1. 29 ) 0.0 91 (2. 31 ) 0.0 67 (1. 70 ) 0.0 59 (1. 50 ) 0.0 35 (0. 89 ) 0.11 0(2 .79 ) 0.0 86 (2. 18 ) 0.1 80 (4. 57 ) 0.1 60 (4. 06 ) 0.0 12 (0. 31 ) 0.0 06 (0. 15 ) 0.2 09 (5. 31 ) 0.1 85 (4. 70 ) do-214ac (sma)
rating and characteristic curves (csfa101 thru csf a105) www.com chip.co m.tw c o m c h ip c o m c h ip f o r w a r d c u r r e n t ( a ) forw ard vol tage ( v) fig.2 - fo rward c harac terist ics mds0210017b page 2 smd super fast recovery rectifier smd super fast recovery rectifier fig. 6 - curren t de rating curve fig. 5 - test circuit di agram a nd reve rse rec overy tim e chara cteris tics (+) (+) 25vdc (approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non-inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | || | | | | | 1cm set time base for 50 / 10ns / cm trr d.u.t. 10 noninductive 50 noninductive w w 1 0 1. 0 0 .1 0. 01 0.0 01 single phase half wave 60hz a v e r a g e f o r w a r d c u r r e n t ( a ) ambient t emperature ( c) 0 25 50 75 100 125 150 175 1.4 1.21.0 0.8 0.6 0.4 0.2 0 0.1 1.0 10 100 fig. 3 - junc tion cap acitan ce reverse voltage (v) j u n c t i o n c a p a c i t a n c e ( p f ) 1 4 1 2 1 0 8 6 4 2 0 tj=25 c fig. 1 - rev erse ch aract eristi cs percent of rated peak reverse v oltage (%) 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 1 0 0 0 1 0 0 1 0 1 .0 0 .1 tj=125 c tj=75 c tj=25 c 0 0 .2 0 . 4 0 .6 0 .8 1 .0 1 .2 1 .4 csfa101-103 tj=25 c pulse width 300us4% duty cycle CSFA104 csfa105 p e a k s u r g e f o r w a r d c u r r e n t ( a ) fig. 4 - non re petiti ve forw ard su rge cur rent 30 25 20 15 10 5 0 1 5 10 50 1 00 8.3ms single half sine wave jedec methode tj=25 c f=1.0mhz vsig=50mvp-p


▲Up To Search▲   

 
Price & Availability of CSFA104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X